Part Number Hot Search : 
F9Z34N VPM06 4920M 0040C TDSO5150 LTC4265 LTC1422 M0001000
Product Description
Full Text Search
 

To Download FESB16JT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NEW PRODUCT
NEW PRODUCT
NEW PRODUCT
FESB16AT THRU FESB16JT
FAST EFFICIENT PLASTIC RECTIFIER
Reverse Voltage - 50 to 600 Volts
TO-263AB
0.380 (9.65) 0.420 (10.67) 0.245 (6.22) MIN K 0.047 (1.19) 0.055 (1.40) 0.160 (4.06) 0.190 (4.83) 0.045 (1.14) 0.055 (1.40)
Forward Current - 16.0 Amperes
FEATURES
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Glass passivated chip junction Low power loss Low forward voltage, high current capability High surge current capability Superfast recovery time, for high efficiency High temperature soldering in accordance with CECC 802 / Reflow guaranteed
0.320 (8.13) 0.360 (9.14) 1 K 2 0.575 (14.60) 0.625 (15.88)
SEATING PLATE
-T-
0.090 (2.29) 0.110 (2.79) 0.018 (0.46) 0.025 (0.64) 0.027 (0.686) 0.037 (0.940) 0.080 (2.03) 0.110 (2.79)
0.095 (2.41) 0.100 (2.54)
MECHANICAL DATA
Case: JEDEC TO-263AB molded plastic body over passivated chips Terminals: Plated lead solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting Position: Any Weight: 0.08 ounce, 2.24 grams
PIN 1 K - HEATSINK PIN 2
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
FESB SYMBOLS 16AT
FESB 16BT
FESB 16CT
FESB 16DT
FESB 16FT
FESB FESB 16GT 16HT
FESB 16JT UNITS
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current at TC=100C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) at TC=100C Maximum instantaneous forward voltage at 16A Maximum DC reverse current at rated DC blocking voltage Typical junction capacitance (NOTE 2) Typical thermal resistance (NOTE 3) Operating and storage temperature range TC=25C TC=100C
VRRM VRMS VDC I(AV)
50 35 50
100 70 100
150 105 150
200 140 200
300 210 300
400 280 400
500 350 500
600 Volts 420 Volts 600 Volts Amps
16.0
IFSM VF IR trr CJ RJC TJ, TSTG 35.0 0.975
250.0 1.3 10.0 500.0 50.0 175.0 1.2 -65 to +150 145.0 1.5
Amps Volts A ns pF C/W C
Maximum reverse recovery time (NOTE1)
NOTES: (1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr =0.25A (2) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts (3) Thermal resistance from junction to case
4/98
RATINGS AND CHARACTERISTICS CURVES FESB16AT THRU FESB16JT
FIG. 1 - FORWARD CURRENT DERATING CURVE RESISTIVE OR INDUCTIVE LOAD PEAK FORWARD SURGE CURRENT, AMPERES FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
20
AVERAGE FORWARD CURRENT, AMPERES
300 250 200 150 100 50 0
16 12 8.0
8.3ms SINGLE HALF SINE WAVE (JEDEC Method) TC=100C
4.0
0
0
50
100
150
1
10
NUMBER OF CYCLES AT 60 HZ
100
CASE TEMPERATURE, C
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS INSTANTANEOUS FORWARD CURRENT, AMPERES
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
80
1,000
TJ =125C
10
50-200V 300-400V 500-600V
INSTANTANEOUS REVERSE LEAKAGE CURRENT, MICROAMPERES
100
TJ=
25
C
1
10
TJ = 100 C
TJ = 25C PULSE WIDTH = 300s 1% DUTY CYCLE
0.1 0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
50-200V 300-600V
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
TJ=
25
C
0.1 0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
1,000
JUNCTION CAPACITANCE, pF
TJ=25C f=1.0 MHZ
100
50-400V 500-600V
10 0.1
1
10
100
REVERSE VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of FESB16JT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X